Part Number Hot Search : 
001140 FRX130R1 XN421F 2SK18 C106K9 D1915 IR333 MAC15
Product Description
Full Text Search
 

To Download UCB1V100MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
CB
Chip Type, Long Life Assurance
series
Chip type with load life of 7000 hours at +105C. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
CB
Low Impedance
Long Life
UL
CW
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 25 ~ +105C 6.3 ~ 50V 0.1 ~ 1000F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.03 CV or 4 (A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.32
10 0.28 6.3 4
16 0.26 10 3
25 0.16 16 2 25 2
35 0.14 35 2
50 0.14 50 2
Measurement frequency : 120Hz Rated voltage (V)
Stability at Low Temperature
Impedance ratio ZT / Z20 (MAX.)
Z- 25C / Z+20C
Endurance
After 7000 hours' application of rated voltage at 105C , capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of initial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
Chip Type
(4 ~ 6.3)
Voltage ( C : 16V ) Series Plastic platform 0.3MAX. D0.5 C 0.2 0.5MAX. Positive
Type numbering system (Example : 16V 100F)
UCB 1 C 1 0 1 MC L 1 GS
Capacitance tolerance (20%) Rated Capacitance (100F) Rated voltage (16V) Series name Type
1 2 3 4 5 6 7 8 9 10 11 12 13 14
L 0.3 Lot No. Capacitance H
Negative
Taping code Configuration fD Code 4 ~ 6.3 CL 8 10 NL
A 0.2 A 0.2
A2 100C CB
B 0.2
E
(8 ~ 10 )
0.5MAX. Voltage ( V : 35V ) Trade mark Plastic platform Series D0.5 0.3MAX. C0.2
Positive
fD
L
L0.5 Lot No. Capacitance Pressure relief vent H
Negative
A B C E L H
(mm) 47 5 7 6.3 7 6.3 8.7 8 10 10 10 1.8 2.1 2.4 2.4 2.9 3.2 4.3 5.3 6.6 6.6 8.3 10.3 4.3 5.3 6.6 6.6 8.3 10.3 4.5 1.0 1.3 2.2 2.2 3.1 10 7.0 7.0 7.0 8.7 10 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.8 ~ 1.1 0.8 ~ 1.1
Voltage V 6.3 Code j
10 A
16 C
25 E
35 V
50 H
Dimension table in next page.
A0.2 A0.2
A2 220V CB
B0.2
E
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
CBseri
Cap.(F)
es
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
4x7 4x7 4x7 4x7 4x7 4x7 4x7 4x7
35 1V 1.0 2.6 3.2 3.8 6.2 11 14 15 25 42 57
8 x 10 8 x 10 10 x 10 10 x 10
50 1H
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102
10 x 10 5x7 6.3 x 7 6.3 x 8.7 8 x 10 4x7 4x7
18 30
6.3 x 7
5x7 6.3 x 7
22
5x7
5x7
35
6.3 x 7 6.3 x 8.7
48 63 116
6.3 x 8.7
77 92 151
36 60 101 160
8 x 10
50 81
6.3 x 8.7 8 x 10
141
10 x 10
216
254
313
Case size Rated D x L (mm) ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UCB1V100MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X